Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF6001MU Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF6001MU
Description  6 Line EMI Filter with ESD Protection in UDFN Package
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF6001MU Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 0
1
Publication Order Number:
NUF6001MU/D
NUF6001MU
6 Line EMI Filter with ESD
Protection in UDFN
Package
This device is a 6 line EMI filter array for wireless applications.
Greater than −30 dB attenuation is obtained at frequencies from 800 MHz
to 3.0 GHz. The NUF6001MU has a cut−off frequency of 120 MHz and
can be used in applications for data rate up to 50 Mbps. This UDFN
package is specifically designed to enhance EMI filtering for low−profile
or slim design electronics especially where space and height is a
premium. It also offers ESD protection clamping transients from static
discharges. ESD protection is provided across all capacitors.
Features
EMI Filtering and ESD Protection
Integration of 30 Discrete Components
UDFN Package, 1.2 x 2.5 mm
Moisture Sensitivity Level 1
ESD Ratings: IEC61000−4−2 (Level 4)
Machine Model = C
Human Body Model = 3B
This is a Pb−Free Device*
Benefits
Reduces EMI/RFI Emissions on a Data Line
Low Profile Package; Typical Height of 0.5 mm
Design−Friendly and Easy−to−Use Pin Configurations,
Particularly for Portable Electronics
Integrated Solution Offers Cost and Space Savings in UDFN Package
Excellent S21 Characteristics with very Low Parasitic Inductances
Integrated Solution Improves System Reliability
Applications
EMI Filtering and ESD Protection for Data Lines
Keypad Interface and Protection for Portable Electronics
Bottom Connector Interface for Mobile Handsets
Notebook Computers and Digital Cameras
LCD Display Interface in Mobile Handsets
Camera Display Interface in Mobile Handsets
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
UDFN12
MU SUFFIX
CASE 517AE
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NUF6001MUT2G
UDFN12
(Pb−Free)
3000 / Tape & Reel
http://onsemi.com
1
(Top View)
Cd
Cd
12
2
Cd
Cd
11
3
Cd
Cd
10
4
Cd
Cd
9
5
Cd
Cd
8
6
Cd
Cd
7
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
12
601
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
1
601M
G


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn