Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4403MN Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUF4403MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4403MN Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF4403MN
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TA= 25°C unless otherwise specified)
90
92
94
96
98
100
102
104
106
108
110
−40
−20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
0
1.0
2.0
3.0
4.0
5.0
Figure 1. Insertion Loss Characteristic
(S21 Measurement)
REVERSE VOLTAGE (V)
TEMPERATURE (
°C)
−50
−40
−35
−30
−25
−20
−15
−10
−5
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
FREQUENCY (Hz)
Figure 2. Analog Crosstalk Curve
(S41 Measurement)
−80
−70
−60
−50
−40
−30
−20
−10
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
FREQUENCY (Hz)
Figure 3. Typical Capacitance vs. Reverse Biased Voltage
(Normalized Capacitance Cd at 2.5 V)
Figure 4. Typical Resistance over Temperature
−45


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn