Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4403MN Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF4403MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4403MN Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF4403MN
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Air Discharge
Contact Discharge
VPP
30
18
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Resistance
RA
85
100
115
W
Capacitance (Notes 1 and 2)
Cd
15
17
20
pF
Cut−Off Frequency (Note 3)
f3dB
Above this frequency,
appreciable attenuation occurs
105
MHz
1. Measured at 25
°C, VR = 2.5 V, f = 1.0 MHz.
2. Total Line Capacitance is 2 times the Diode Capacitance (Cd).
3. 50
W source and 50 W load termination.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn