Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4403MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF4403MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4403MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 0
1
Publication Order Number:
NUF4403MN/D
NUF4403MN
4 Line EMI Filter with ESD
Protection
This device is a 4 line EMI filter array for wireless applications. The
NUF4403MN provides greater than −35 dB attenuation at frequencies
from 800 MHz to 2.2 GHz. It also offers ESD protection−clamping
transients from static discharges. ESD protection is provided across all
capacitors.
Features
EMI Filtering and ESD Protection
Integration of 20 Discrete Components
Compliance with IEC61000−4−2 (Level 4)
18 kV (Contact)
30 kV (Air)
DFN Package, 1.6 x 1.6 mm
Moisture Sensitivity Level 1
ESD Ratings: Machine Model = C
Human Body Model = 3B
This is a Pb−Free Device*
Benefits
Reduces EMI/RFI Emmisions on a Data Line
Integrated Solution Offers Cost and Space Savings
Reduces Parasitic Inductances Which Offer a More “Ideal” Low Pass
Filter Response
Integrated Solution Improves System Reliability
Applications
EMI Filtering and ESD Protection for Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DFN8
CASE 506AK
Device
Package
Shipping
ORDERING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
1
F3
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top View)
1
F3 M
G
G
Cd
Cd
8
2
Cd
Cd
7
3
Cd
Cd
6
4
Cd
Cd
5
1
8
PIN CONNECTIONS
(Bottom View)
8
7
6
5
1
2
3
4
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
NUF4403MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn