Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF4402MN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NUF4402MN
Description  Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4402MN Datasheet(HTML) 1 Page - ON Semiconductor

  NUF4402MN Datasheet HTML 1Page - ON Semiconductor NUF4402MN Datasheet HTML 2Page - ON Semiconductor NUF4402MN Datasheet HTML 3Page - ON Semiconductor NUF4402MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 2
1
Publication Order Number:
NUF4402MN/D
NUF4402MN
Low Capacitance
4 Line EMI Filter with
ESD Protection in DFN8
1.6 x 1.6 mm Package
This device is a 4 line EMI filter array for wireless applications.
Greater than −25 dB attenuation is obtained at frequencies from
800 MHz to 3.0 GHz. It also offers ESD protection−clamping
transients from static discharges. ESD protection is provided across all
capacitors.
Features
EMI Filtering and ESD Protection
Integration of 20 Discrete Components
Compliance with IEC61000−4−2 (Level 4)
>14 kV (Contact)
DFN Package, 1.6 x 1.6 mm
Moisture Sensitivity Level 1
ESD Ratings: Machine Model = C
Human Body Model = 3B
This is a Pb−Free Device*
Benefits
Reduces EMI/RFI Emmisions on a Data Line
Integrated Solution Offers Cost and Space Savings
Reduces Parasitic Inductances Which Offer a More “Ideal” Low Pass
Filter Response
Integrated Solution Improves System Reliability
Applications
EMI Filtering and ESD Protection for Data Lines
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DFN8
CASE 506AK
Device
Package
Shipping
ORDERING INFORMATION
NUF4402MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
1
F2
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top View)
1
F2 M
G
G
Cd
Cd
8
2
Cd
Cd
7
3
Cd
Cd
6
4
Cd
Cd
5
1
8
PIN CONNECTIONS
(Bottom View)
8
7
6
5
1
2
3
4
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com


Similar Part No. - NUF4402MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4402MN ONSEMI-NUF4402MN Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4402MNT1G ONSEMI-NUF4402MNT1G Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
NUF4402MN ONSEMI-NUF4402MN_09 Datasheet
171Kb / 6P
   4-Channel EMI Filter
August, 2009 ??Rev. 3
More results

Similar Description - NUF4402MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4210MN ONSEMI-NUF4210MN Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in DFN8 1.6 x 1.6 mm Package
August, 2005 ??Rev. 0
NUF4010MU ONSEMI-NUF4010MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4000MU ONSEMI-NUF4000MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4310MN ONSEMI-NUF4310MN Datasheet
99Kb / 4P
   Low Capacitance 4-Line EMI Filter with ESD Protection in WDFN8 Package
October, 2008 ??Rev. 0
NUF4001MU ONSEMI-NUF4001MU Datasheet
51Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 1
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF3102MU ONSEMI-NUF3102MU Datasheet
77Kb / 4P
   Low Capacitance 3 Line EMI Filter with ESD Protection in UDFN8 Package
September, 2007 - Rev. 1
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com