Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4401MN Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUF4401MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4401MN Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF4401MN
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
(TA = 25°C unless otherwise specified)
Figure 1. Insertion Loss Characteristics
1.0E+10
1.0E+06
1.0E+08
FREQUENCY (Hz)
−40
−30
−10
−20
1.0E+09
1.0E+07
0
−5
−35
−15
−25
−45
−50
Figure 2. Typical Line Capacitance vs. Reverse
Bias Voltage (Normalized to Capacitance @ 2.5 V)
0
0.5
1.0
1.5
2.0
0
1.0
REVERSE BIASED VOLTAGE (V)
2.0
3.0
4.0
5.0
Figure 3. Typical Resistance vs. Temperature
TEMPERATURE (
°C)
192
194
196
198
200
202
204
206
208
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80 90
Channels 1, 4
Channels 2, 3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn