Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF4401MN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF4401MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4401MN Datasheet(HTML) 2 Page - ON Semiconductor

  NUF4401MN Datasheet HTML 1Page - ON Semiconductor NUF4401MN Datasheet HTML 2Page - ON Semiconductor NUF4401MN Datasheet HTML 3Page - ON Semiconductor NUF4401MN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF4401MN
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
VPP
100
kV
Steady−State Power per Resistor
PR
100
mW
Steady−State Power per Package
PT
400
mW
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
Tstg
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 s)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
IR = 1.0 mA
VBR
6.0
7.0
8.0
V
Leakage Current
VRWM = 3.3 V
IR
100
nA
Resistance
IR = 20 mA
RA
170
200
230
W
Capacitance (Note 1, 3)
VR = 2.5 V, f = 1.0 MHz
Cd
12
15
18
pF
Cut−Off Frequency (Note 2)
Above this frequency,
appreciable attenuation occurs
f3dB
125
MHz
1. Measured at 25
°C.
2. 50
W source and 50 W load termination.
3. Total line capacitance is 2 times the diode capacitance (Cd).


Similar Part No. - NUF4401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4401MN ONSEMI-NUF4401MN Datasheet
133Kb / 6P
   4-Channel EMI Filter
February, 2013 ??Rev. 2
NUF4401MNT1G ONSEMI-NUF4401MNT1G Datasheet
133Kb / 6P
   4-Channel EMI Filter
February, 2013 ??Rev. 2
NUF4401MN ONSEMI-NUF4401MN_13 Datasheet
133Kb / 6P
   4-Channel EMI Filter
February, 2013 ??Rev. 2
More results

Similar Description - NUF4401MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4403MN ONSEMI-NUF4403MN Datasheet
73Kb / 4P
   4 Line EMI Filter with ESD Protection
March, 2006 ??Rev. 0
NUF6402MN ONSEMI-NUF6402MN Datasheet
51Kb / 4P
   4 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 1
logo
Alpha & Omega Semicondu...
AOZ8013 AOSMD-AOZ8013 Datasheet
333Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4220MN ONSEMI-NUF4220MN Datasheet
78Kb / 4P
   4 Line Audio EMI Filter with ESD Protection
October, 2006 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ8073 AOSMD-AOZ8073 Datasheet
296Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
AOZ8014 AOSMD-AOZ8014 Datasheet
254Kb / 6P
   4-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8043 ALPHA-AOZ8043 Datasheet
287Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8033 AOSMD-AOZ8033 Datasheet
352Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com