Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4401MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF4401MN
Description  4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4401MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 0
1
Publication Order Number:
NUF4401MN/D
NUF4401MN
4 Line EMI Filter with ESD
Protection
NUF4401MN is a 4 line EMI filter array for wireless applications. It
offers greater than −35 dB attenuation at frequencies from 900 MHz to
2.4 GHz. This device also offers ESD protection−clamping transients
from static discharges and ESD protection is provided across all
capacitors.
Features
Provides EMI Filtering and ESD Protection
Integration of 20 Discretes
Compliance with IEC61000−4−2 (Level 4)
10 kV (Contact)
15 kV (Air)
DFN8, 2x2 mm Package
Moisture Sensitivity Level 1
ESD Ratings: Machine Model = C
Human Body Model = 3B
This is a Pb−Free Device*
Benefits
Reduces EMI/RFI Emmisions on a Data Line
Integrated Solution Offers Cost and Space Savings
Reduces Parasitic Inductances Which Offer a More “Ideal” Low Pass
Filter Response
Integrated Solution Improves System Reliability
Applications
EMI Filtering and ESD Protection on a Data Line
Wireless Phones
Handheld Products
Notebook Computers
LCD Displays
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DFN8
CASE 506AQ
PLASTIC
Device
Package
Shipping
ORDERING INFORMATION
NUF4401MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
4
3
2
1
(Bottom View)
GND
5
6
7
8
1
RS M
G
G
1
RS = Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top View)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
http://onsemi.com
1
Cd
Cd
8
2
Cd
Cd
7
3
Cd
Cd
6
4
Cd
Cd
5


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn