Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4220MN Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUF4220MN
Description  4 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4220MN Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF4220MN
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
(TA = 25°C unless otherwise specified)
Figure 1. Typical Insertion Loss
Characteristics
FREQUENCY (Hz)
Figure 2. Typical Analog Crosstalk
−80
−60
−40
−20
0
10E+6
FREQUENCY (MHz)
100E+6
1.0E+9
10E+9
0
−10
−20
−30
−40
−45
1.0E+6
10E+6
100E+6
1.0E+9
10E+9
Figure 3. Typical Line Capacitance vs.
Reverse Bias Voltage (Normalized to
Capacitance @ 0 V)
REVERSE BIAS VOLTAGE (V)
Figure 4. Typical Resistance Over Temperature
0
0.2
0.6
1.0
1.2
−40
−15
10
35
60
85
1.2
1.0
0.8
0.6
0.4
0
0
1.0
2.0
3.0
4.0
5.0
−15
−25
−35
−5.0
−50
−30
−10
−70
0.2
0.4
0.8
TEMPERATURE (
°C)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn