Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF4220MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF4220MN
Description  4 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF4220MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 0
1
Publication Order Number:
NUF4220MN/D
NUF4220MN
4 Line Audio EMI Filter with
ESD Protection
NUF4220MN is a 4 line LC EMI filter array designed for audio
applications. It offers greater than −30 dB attenuation at frequencies
from 800 MHz to 5.0 GHz, with no line loss. This part is a single chip
solution for audio interface applications, 2 speaker lines with a
microphone line. This device also offers ESD protection−clamping
transients from static discharges and ESD protection is provided
across all capacitors.
Features
Provides EMI Filtering and ESD Protection
Integration of 20 Discretes
Compliance with IEC61000−4−2 (Level 4)
18 kV (Contact)
DFN8, 2x2 mm Package
Moisture Sensitivity Level 1
ESD Ratings: Machine Model = C
Human Body Model = 3B
Excellent Line Efficiency with Low Line Resistance < 1.1 W max
This is a Pb−Free Device*
Applications
Headset
MP3s
PDAs
Digital Cameras
Portable DVDs
Handfree Interface
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DFN8
CASE 506AA
PLASTIC
Device
Package
Shipping
ORDERING INFORMATION
NUF4220MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
4
3
2
1
(Bottom View)
GND
5
6
7
8
1
R2
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Top View)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
C1
C1
8
2
C2
C2
7
3
C3
C3
6
4
C4
C4
5
L
L
L
L
R2 M
G
G
1
4


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn