Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF4001MU Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUF4001MU
Description  Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4001MU Datasheet(HTML) 3 Page - ON Semiconductor

  NUF4001MU Datasheet HTML 1Page - ON Semiconductor NUF4001MU Datasheet HTML 2Page - ON Semiconductor NUF4001MU Datasheet HTML 3Page - ON Semiconductor NUF4001MU Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF4001MU
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TA= 25°C unless otherwise specified)
−50
−40
−35
−30
−25
−20
−15
−10
−5
0
1.0E+6
10.0E+6
100E+6
1.0E+9
10.0E+9
FREQUENCY (Hz)
90
92
94
96
98
100
102
104
106
108
110
−40
−20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
0
1.0
2.0
3.0
4.0
5.0
Figure 1. Insertion Loss Characteristic
REVERSE VOLTAGE (V)
TEMPERATURE (
°C)
−60
−40
−30
−20
−10
0
10.0E+6
100E+6
1.0E+9
10.0E+9
FREQUENCY (Hz)
Figure 2. Insertion Loss Characteristic
Figure 3. Typical Capacitance vs.
Reverse Biased Voltage
(Normalized Capacitance Cd at 2.5 V)
Figure 4. Typical Resistance over Temperature
−45
−50


Similar Part No. - NUF4001MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4001MU ONSEMI-NUF4001MU Datasheet
71Kb / 6P
   4-Channel EMI Filter
February, 2017 ??Rev. 8
NUF4001MUT2G ONSEMI-NUF4001MUT2G Datasheet
71Kb / 6P
   4-Channel EMI Filter
February, 2017 ??Rev. 8
NUF4001MU ONSEMI-NUF4001MU_17 Datasheet
71Kb / 6P
   4-Channel EMI Filter
February, 2017 ??Rev. 8
More results

Similar Description - NUF4001MU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4000MU ONSEMI-NUF4000MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4010MU ONSEMI-NUF4010MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF3102MU ONSEMI-NUF3102MU Datasheet
77Kb / 4P
   Low Capacitance 3 Line EMI Filter with ESD Protection in UDFN8 Package
September, 2007 - Rev. 1
NUF2450MU ONSEMI-NUF2450MU Datasheet
60Kb / 3P
   2 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 0
NUF4310MN ONSEMI-NUF4310MN Datasheet
99Kb / 4P
   Low Capacitance 4-Line EMI Filter with ESD Protection in WDFN8 Package
October, 2008 ??Rev. 0
NUF4211MN ONSEMI-NUF4211MN_07 Datasheet
57Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection
February, 2007 ??Rev. 0
NUF8000MU ONSEMI-NUF8000MU Datasheet
88Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8010MU ONSEMI-NUF8010MU Datasheet
87Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
October, 2007 - Rev. 0
NUF8001MU ONSEMI-NUF8001MU Datasheet
63Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package
August, 2006 ??Rev. 0
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com