Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF3101FC Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUF3101FC
Description  Three Line EMI Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF3101FC Datasheet(HTML) 3 Page - ON Semiconductor

  NUF3101FC Datasheet HTML 1Page - ON Semiconductor NUF3101FC Datasheet HTML 2Page - ON Semiconductor NUF3101FC Datasheet HTML 3Page - ON Semiconductor NUF3101FC Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF3101FC
http://onsemi.com
3
PRINTED CIRCUIT BOARD RECOMMENDATIONS
Parameter
500 mm Pitch
300 or 350 mm Solder Ball
PCB Pad Size
250 mm +25
−0
Pad Shape
Round
Pad Type
NSMD
Solder Mask Opening
350 mm "25
Solder Stencil Thickness
125 mm
Stencil Aperture
250 x 250 mm sq.
Solder Flux Ratio
50/50
Solder Paste Type
No Clean Type 3 or Finer
Trace Finish
OSP Cu
Trace Width
150 mm Max
Figure 4. NSMD vs. SMD
NSMD
SMD
Copper
Solder mask
Figure 5. Typical Pb−Free Solder Heating Profile
RAMP−UP
280
270
260
250
240
230
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
RAMP−DOWN
PRE−HEAT
ZONE
tL
(60−90 sec)
Tp = 260°C − 5°C
Tp = (15−30 sec)
TL= 217
TIME (seconds)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NUF2222FC 2 Line USB 1.1 Upstream EMI Filter 1  2  3  4  5  More ON Semiconductor
NUF2230XV6 2 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUF2240W1 2 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUF2450MU 2 Line EMI Filter with ESD Protection in UDFN8 Package 1  2  3  ON Semiconductor
NUF2070MN 2 Line Audio EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUF2114MN 2 Line Audio EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUF2116MN 2 Line Audio EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
NUF2220XV6 2 Line EMI Filter with ESD Protection 1  2  3  4  ON Semiconductor
DS90LV028AH High Temperature 3V LVDS Dual Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
AN165 EMI REDUCTION TECHNIQUES 1  2  3  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn