Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF3101FC Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF3101FC
Description  Three Line EMI Filter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF3101FC Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF3101FC
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.6
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
8.0
V
Leakage Current
IR
VRM = 3.0 V
0.1
mA
Series Resistance
R1
80
100
120
W
Series Resistance
R2
38
47
56
W
Series Resistance
R3
80
100
120
W
Capacitance
CLINE 1
f = 1.0 MHz, 0 Vdc
40
pF
Cut−Off Frequency
f3dB
50 W Source and 50 W Load Termination
100
300
MHz
TYPICAL PERFORMANCE CURVES
(TA = 25°C unless otherwise specified)
−35
−30
−25
−20
−15
−10
−5
0
1.0E+07
1.0E+08
1.0E+09
1.0E+10
Figure 1. Insertion Loss Characteristics
FREQUENCY (Hz)
Figure 2. Typical Line Capacitance vs. Reverse
Bias Voltage
REVERSE VOLTAGE (V)
0
5
10
15
20
25
30
01
2
3
45
Figure 3. Typical Normalized Resistance Over
Temperature
TEMPERATURE (°C)
95
96
97
98
99
100
101
102
103
104
−40
−15
10
60
85
35
35
40
45
0.5
1.5
2.5
3.5
4.5
C3−B2
B3−B2
A3−B2
C2−B2
C3−C1
B3−B1
A3−A2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn