Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NUF2450MU Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF2450MU
Description  2 Line EMI Filter with ESD Protection in UDFN8 Package
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2450MU Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NUF2450MU
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
Machine Model
Human Body Model
VPP
20
1.6
16
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Inductance
L
2.3
nH
Series Resistance
RS
0.9
1.3
1.7
W
Capacitance (Note 1)
Cline
VR = 0 V, f = 1.0 MHz
190
240
290
pF
Cut−Off Frequency (Note 2)
f3dB
Above this frequency,
Appreciable Attenuation Occurs
20
MHz
1. Measured at 25
°C.
2. 50
W source and 50 W load termination.
FREQUENCY (Hz)
Figure 1. Typical Insertion Loss
Characteristics (S21 Measurement)
−70
−60
−50
−40
−30
−20
−10
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
FREQUENCY (Hz)
Figure 2. Analog Crosstalk Curve (S41
Measurement)
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn