Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2441FC Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF2441FC
Description  Integrated Passive Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2441FC Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF2441FC
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Device
VRWM
VBR @
1 mA
(Volts)
Max IR @
VRWM = 12 V
I/O Pin
Typical
Capacitance
C1 + C2 (pF)
Typical
Pass−Band
Inductance
Equivalent
Series Resistance
RS (W) (Note 2)
Device
Device
Marking
VRWM
(Volts)
Min
Max
I/O Pin
(
mA)
C1 + C2 (pF)
(Notes 1, 3, 4)
Inductance
L (nH)
Typ
Max
NUF2441FCT1G
2441
12
13.7
17.7
0.1
250
2.9
0.28
0.35
1. Measured at 25
°C, VR = 0, f = 1 MHz, Source A1, GND A2, Open A3.
2. Measured at room temperature.
3. Tolerance =
±20%.
4. Measured under zero light conditions.
Figure 1. Insertion Loss Characteristic
1.0E+10
1.0E+06
1.0E+08
FREQUENCY (Hz)
−40
−30
−10
5
−20
1.0E+09
1.0E+07
0
−5
−35
−15
−25
Figure 2. Analog Crosstalk
1.0E+10
1.0E+06
1.0E+08
FREQUENCY (Hz)
−60
−30
−10
−20
1.0E+09
1.0E+07
0
−50
−40
REVERSE VOLTAGE (V)
0
50
100
150
200
250
300
0
2
6
8
12
14
Figure 3. Typical Line Capacitance vs. Reverse
Bias Voltage
TEMPERATURE (
°C)
0.25
0.26
0.27
0.28
060
90
30
410
Figure 4. Typical Resistance vs. Temperature
10
70
40
20
80
50
0.29
0.30
0.31
0.32
0.33
0.34
0.35


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn