Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUF2042XV6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NUF2042XV6T1G
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2042XV6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NUF2042XV6T1G Datasheet HTML 1Page - ON Semiconductor NUF2042XV6T1G Datasheet HTML 2Page - ON Semiconductor NUF2042XV6T1G Datasheet HTML 3Page - ON Semiconductor NUF2042XV6T1G Datasheet HTML 4Page - ON Semiconductor NUF2042XV6T1G Datasheet HTML 5Page - ON Semiconductor NUF2042XV6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NUF2030XV6, NUF2042XV6
http://onsemi.com
3
TYPICAL CHARACTERISTICS
FREQUENCY (Hz)
0
10
20
30
40
50
60
0
1
2
345
REVERSE VOLTAGE (V)
Figure 1. Insertion Loss Characteristics
(NUF2030)
Figure 2. Analog Cross−Talk (NUF2030)
−30
−25
−20
−15
−10
−5
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Figure 3. Insertion Loss Characteristics
(NUF2042)
Figure 4. Analog Cross−Talk (NUF2042)
Figure 5. Typical Capacitance (NUF2030)
Figure 6. Typical Capacitance (NUF2042)
FREQUENCY (Hz)
−80
−70
−60
−50
−40
−30
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
−20
−10
0
FREQUENCY (Hz)
−30
−25
−20
−15
−10
−5
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
FREQUENCY (Hz)
−80
−70
−60
−50
−40
−30
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
−20
−10
0
0
10
20
30
40
50
60
0
1
2
345
REVERSE VOLTAGE (V)
70
80


Similar Part No. - NUF2042XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2042 ONSEMI-NUF2042 Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NUF2042XV6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
   USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
NUF2221W1T2 ONSEMI-NUF2221W1T2_05 Datasheet
60Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2005 ??Rev. 2
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com