Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2116MN Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF2116MN
Description  2 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2116MN Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 0
1
Publication Order Number:
NUF2116MN/D
NUF2116MN
2 Line Audio EMI Filter with
ESD Protection
This device is a 2 line audio EMI filter array designed for speaker
applications. It offers greater than −35 dB attenuation at frequencies
from 800 MHz to 3.0 GHz. This device also offers ESD
protection−clamping transients from static discharges and ESD
protection is provided across all capacitors.
Features
Provides EMI Filtering and ESD Protection
Integration of 10 Discretes
Compliance with IEC61000−4−2 (Level 4)
30 kV (Contact)
DFN8, 2x2 mm Package
Moisture Sensitivity Level 1
ESD Ratings: Machine Model = C
Human Body Model = 3B
Matching Series Impedances for Speaker Applications
This is a Pb−Free Device
Applications
Wireless Phones
MP3s
PDAs
Digital Cameras
Portable DVDs
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
DFN8
CASE 506AA
Device
Package
Shipping
ORDERING INFORMATION
NUF2116MNT1G
DFN8
(Pb−Free)
3000 / Tape & Reel
MARKING
DIAGRAM
http://onsemi.com
1
U6
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top View)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
CC
8
4
CC
5
R
R
14


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn