Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2114MN Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF2114MN
Description  2 Line Audio EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2114MN Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF2114MN
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
VPP
30
kV
Steady−State Power per Resistor @ 25°C
PR
180
mW
Steady−State Power per Package @ 25°C
PT
360
mW
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
Tstg
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
12
V
Breakdown Voltage
IR = 1.0 mA
VBR
13.7
15.7
17.7
V
Leakage Current
VRWM = 12 V
IR
0.1
mA
Resistance
IF = 40 mA
R
8.1
9.0
9.9
W
Capacitance per Diode (Note 1, 3)
Cd
60
66
pF
Cut−Off Frequency (Note 2)
Above this frequency,
appreciable attenuation occurs
f3dB
50
MHz
1. Measured at 25°C, VR = 0 V, f = 1.0 MHz.
2. 50 W source and 50 W load termination.
3. Total line capacitance is 2 times the diode capacitance (Cd).


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn