Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2101M Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NUF2101M
Description  USB Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2101M Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NUF2101M
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Insertion Loss Characteristics
Figure 2. Analog Cross−Talk
10000
10
100
FREQUENCY (MHz)
−60
−50
−40
−30
−20
−10
0
10000
1000
1
100
FREQUENCY (MHz)
−35
−30
−25
−20
−15
−10
−5
0
Figure 3. RS vs. Temperature
Figure 4. Rpd vs. Temperature
−35
5
45
85
TEMPERATURE (°C)
27
28
30
31
32
33
Figure 5. Typical Capacitance
01
4
23
Vr, REVERSE VOLTAGE (V)
40
42
44
46
48
50
52
54
56
58
1000
29
−35
5
45
85
TEMPERATURE (°C)
13500
14000
15000
15500
16000
16500
14500
10
−15
25
65
−15
25
65


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn