Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2015W1 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NUF2015W1
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2015W1 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUF2015W1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Device
VRWM
(V)
VBR @ 1 mA
(V)
IR @ 3.3 V
(nA)
Line Capacitance
Vdc = 2.5 V
f = 1 MHz
(pF) (Note 1)
Series Resistor
RS (W)
Pullup Resistor
Rup (kW)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
NUF2015W1T2
5.25
5.6
6.8
8.0
10
100
33
42
51
12
15
18
1.2
1.5
1.8
1. Measured between Pins 1, 3, 4, 6 and ground with Pin 5 also grounded.
2. For other resistance values (e.g. 15 W, 33 W), please contact your local ON Semiconductor sales representative.
TYPICAL CHARACTERISTICS
Figure 1. Insertion Loss Characteristics
(S21 Measurement)
Figure 2. Analog Cross−Talk
(S41 Measurement)
−30
−25
−20
−15
−10
−5
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1460
1480
1500
1520
1540
1560
1580
1600
−20 −10
0
10
2030
40
5060
70
RUP = Typical
TEMPERATURE (°C)
Figure 3. RS vs. Temperature
Figure 4. RUP vs. Temperature
FREQUENCY (MHz)
TEMPERATURE (°C)
FREQUENCY (Hz)
−60
−50
−40
−30
−20
−10
0
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
14
14.5
15
15.5
16
−20
−10
0
10
20
30
40
50
60
70


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn