Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NUF2015W1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NUF2015W1
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NUF2015W1 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 3
1
Publication Order Number:
NUF2015W1/D
NUF2015W1
USB Upstream Terminator
with ESD Protection
This device is designed for applications requiring Line
Termination, EMI Filtering and ESD Protection. It is intended for
use in upstream USB ports, Cellular phones, Wireless equipment and
computer applications. This device offers an integrated solution in a
small package (SC−88/SOT−363) reducing PCB space and cost.
Features:
Provides USB Line Termination, Filtering and ESD Protection
Single IC Offers Cost Savings
Bidirectional EMI Filtering Prevents Noise from Entering/Leaving
the System
Compliance with IEC61000−4−2 (Level 4)
8 kV (Contact)
15 kV (Air)
Flexible Pullup Line Termination to Meet USB 1.1 Low Speed
and High Speed Specification
ESD Ratings:
Machine Model = C
ESD Ratings:
Human Body Model = 3B
Pb−Free Package is Available
Benefits:
SC−88 Package Minimizes PCB Space
Integrated Circuit Increases System Reliability versus Discrete
Component Implementation
TVS Devices Provide ESD Protection That is Better than a Discrete
Implementation because the Small IC minimizes Parasitic
Inductances
Applications:
USB Hubs
Computer Peripherals Using USB
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Steady State Power
PD
225
mW
Maximum Junction Temperature
TJ(max)
125
°C
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Lead Solder Temperature
(10 second duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
SC−88 / SOT−363
CASE 419B
PLASTIC
Device
Pkg.
Shipping
ORDERING INFORMATION
CIRCUIT DESCRIPTION
5W M G
G
MARKING
DIAGRAM
5
4
13
2
6
1
2
3
5
4
6
65
4
12
3
Rs
D1(c)
VBUS
D2(c)
D1(i)
GND
D2(i)
http://onsemi.com
NUF2015W1T2
SC−88 3000/Tape & Reel
Rs
Rup
C1
C1
RS
(W)
15
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
5W
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
NUF2015W1T2G
SC−88
(Pb−Free)
3000/Tape & Reel
15


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn