Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD4011 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUD4011
Description  Low Current LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD4011 Datasheet(HTML) 5 Page - ON Semiconductor

  NUD4011 Datasheet HTML 1Page - ON Semiconductor NUD4011 Datasheet HTML 2Page - ON Semiconductor NUD4011 Datasheet HTML 3Page - ON Semiconductor NUD4011 Datasheet HTML 4Page - ON Semiconductor NUD4011 Datasheet HTML 5Page - ON Semiconductor NUD4011 Datasheet HTML 6Page - ON Semiconductor NUD4011 Datasheet HTML 7Page - ON Semiconductor NUD4011 Datasheet HTML 8Page - ON Semiconductor NUD4011 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NUD4011
http://onsemi.com
5
APPLICATION INFORMATION (continued)
Design Guide for AC Applications
1. Define LED’s current:
a. ILED = 30 mA
2. Define Vin:
a. Per example in Figure 5, Vin = 120 Vac
3. Define VLED @ ILED per LED supplier’s data
sheet:
a. Per example in Figure 6,
VLED = 3.0 V (30 LEDs in series)
VLEDs = 90 V
4. Calculate Resistor Value for Rext:
The calculation of the Rext for AC applications is
totally different than for DC. This is because
current conduction only occurs during the time
that the ac cycles’ amplitude is higher than VLEDs.
Therefore Rext calculation is now dependent on the
peak current value and the conduction time.
a. Calculate
q for VLEDs = 90 V:
V = Vpeak
Sin
q
90 V = (120
2)
Sin
q
q = 32.027°
b. Calculate conduction time for
q = 32.027°. For
a sinuousoidal waveform Vpeak happens at
q = 90°. This translates to 4.165 ms in time for
a 60 Hz frequency, therefore 32.027° is 1.48 ms
and finally:
Conduction time = (4.165 ms – 1.48 ms)
2
= 5.37 ms
c. Calculate the Ipeak needed for I(avg) = 30 mA
Since a full bridge rectifier is being used (per
Figure 6), the frequency of the voltage signal
applied to the NUD4011 device is now 120 Hz.
To simplify the calculation, it is assumed that
the 120 Hz waveform is square shaped so that
the following formula can be used:
I(avg) = Ipeak
duty cycle;
If 8.33 ms is 100% duty cycle, then 5.37 ms is
64.46%, then:
Ipeak = I(avg) / duty cycle
Ipeak = 30 mA / 0.645 = 46 mA
d. Calculate Rext
Rext = 0.7 V / Ipeak
Rext = 15.21 W
5. Calculate Vdrop across the NUD4011 device:
a. Vdrop = Vin – Vsense – VLEDs
b. Vdrop = 120 V – 0.7 V – 90 V
c. Vdrop = 29.3 V
Figure 6. 120 Vac Application
(Series LED’s array)
Rext
PWM
Vin
Iout
Current
Set Point
NUD4011
Boost
Iout
Iout
Iout
1
2
3
4
8
7
6
5
LED1
LED2
LED30
Full
Bridge
Rectifier
120 Vac
60 Hz
+
1
23
4
6. Calculate Power Dissipation on the NUD4011
device’s driver:
a. PD_driver = Vdrop * I(avg)
b. PD_driver = 29.3 V
0.030 A
c. PD_driver = 0.879 W
7. Establish Power Dissipation on the
NUD4011device’s control circuit per below
formula:
a. PD_control = (Vin – 1.4 – VLEDs)@ / 20,000
b. PD_control = 0.040 W
8. Calculate Total Power Dissipation on the device:
a. PD_total = PD_driver + PD_control
b. PD_total = 0.879 W + 0.040 W = 0.919 W
9. If PD_total > 1.13 W (or derated value per
Figure 3), then select the most appropriate
recourse and repeat steps 1−8:
a. Reduce Vin
b. Reconfigure LED array to reduce Vdrop
c. Reduce Iout by increasing Rext
d. Use external resistors or parallel device’s
configuration
10. Calculate the junction temperature using the
thermal information on Page 8 and refer to
Figure 4 to check the output current drop due to
the calculated junction temperature. If desired,
compensate it by adjusting the value of Rext.


Similar Part No. - NUD4011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
NUD4001 ONSEMI-NUD4001 Datasheet
147Kb / 8P
   High Current LED Driver
November, 2011 ??Rev. 7
NUD4001DR2 ONSEMI-NUD4001DR2 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
NUD4001DR2G ONSEMI-NUD4001DR2G Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
More results

Similar Description - NUD4011

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSMG501 SECOS-SSMG501 Datasheet
233Kb / 4P
   Low Power Constant Current LED Driver
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
logo
Recom International Pow...
RCD-24 RECOM-RCD-24_10 Datasheet
358Kb / 6P
   Constant Current LED Driver
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
   High Current LED Driver
June, 2006 ??Rev. 6
logo
Sipex Corporation
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
   Constant Current LED Driver
logo
LDT Co., Ltd
LD1024 LDT-LD1024 Datasheet
650Kb / 22P
   Constant-Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM9914 HMSEMI-HM9914 Datasheet
713Kb / 4P
   LED constant current driver
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com