Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTLJS4114N Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NTLJS4114N
Description  Power MOSFET 30 V, 7.8 A, uCool Single N−Channel, 2x2 mm WDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4114N Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS4114N Datasheet HTML 1Page - ON Semiconductor NTLJS4114N Datasheet HTML 2Page - ON Semiconductor NTLJS4114N Datasheet HTML 3Page - ON Semiconductor NTLJS4114N Datasheet HTML 4Page - ON Semiconductor NTLJS4114N Datasheet HTML 5Page - ON Semiconductor NTLJS4114N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS4114N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
5
5
15
20
25
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
−200
VGS
VDS
1000
010
Coss
Crss
1600
Ciss
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
100
tr
td(off)
td(on)
tf
10
VDD = 15 V
ID = 3.0 A
VGS = 4.5 V
4
0
0.3
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
VGS = 0 V
Figure 10. Diode Forward Voltage versus Current
0.8
1
0.6
2
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1
100
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
SINGLE PULSE
TC = 25°C
TJ = 150°C
1 ms
100
ms
10 ms
dc
10
ms
30
TJ = 25°C
0.1
0.01
0
3
0
QG, TOTAL GATE CHARGE (nC)
5
4
4
ID = 2 A
TJ = 25°C
VGS
QGS
QGD
QT
2
1
8
8
0
20
12
4
VDS
16
3
0.7
0.5
0.4
See Note 2 on Page 1
400
VDS = 0 V
VGS = 0 V
TJ = 25°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn