Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTLJF3118N Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NTLJF3118N
Description  Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTLJF3118N Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTLJF3118N
http://onsemi.com
4
TYPICAL N−CHANNEL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
1
0.14
3
2
0.1
0
410
1.5
1.2
1.4
1.0
0.8
0.7
0
0.5
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
1.0
0.07
5.0
2.0
0.05
0.04
0.03
6.0
Figure 3. On−Resistance versus Drain Current
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
10
−50
50
25
0
−25
75
125
100
1
212
10
4
3
2
4
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = 1.8 V
VGS = 0 V
ID = 3.8 A
VGS = 4.5 V
6
0.1
TJ = 100°C
TJ = 150°C
2
0
10
1.5
TJ = 25°C
20
100
VGS = 4 V to 2.2 V
1.8 V
1000
4
8
4
0.06
0.08
TJ = 25°C
ID = 3.8 A
150
10000
2.5
2.0 V
1.4 V
1.6 V
1.2 V
TJ = 25°C
0.12
0.06
0.02
0.04
VGS = 4.5 V
VGS = 2.5 V
6
8
14
16
18
2
0.08
0.09
4.0
3.0
56
7
8
9
1.3
1.1
0.9
1.5
2.5
3.5
6
8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn