Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTLJF3118N Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NTLJF3118N
Description  Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTLJF3118N Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTLJF3118N
http://onsemi.com
3
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.1 A
0.26
0.35
V
IF = 1.0 A
0.35
0.42
IF = 2.0 A
0.41
0.52
Maximum Instantaneous
Reverse Current
IR
VR = 20 V
0.20
5.0
mA
VR = 10 V
0.045
1.0
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 85°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.1 A
0.18
V
IF = 1.0 A
0.29
IF = 2.0 A
0.36
Maximum Instantaneous
Reverse Current
IR
VR = 20 V
4.9
mA
VR = 10 V
1.6
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 125°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.1 A
0.13
V
IF = 1.0 A
0.25
IF = 2.0 A
0.33
Maximum Instantaneous
Reverse Current
IR
VR = 20 V
42
mA
VR = 10 V
13
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Capacitance
C
VR = 5.0 V, f = 1.0 MHz
52.3
pF
ORDERING INFORMATION
Device
Package
Shipping
NTLJF3118NTAG
WDFN6
(Pb−Free)
3000 / Tape & Reel
NTLJF3118NTBG
WDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn