Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLJD3119CTBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTLJD3119CTBG
Description  Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJD3119CTBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NTLJD3119CTBG Datasheet HTML 2Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 3Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 4Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 5Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 6Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 7Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 8Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 9Page - ON Semiconductor NTLJD3119CTBG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NTLJD3119C
http://onsemi.com
7
TYPICAL PERFORMANCE CURVES − P−CHANNEL (TJ = 25°C unless otherwise noted)
12
0.15
5
1.4
1.6
1.2
0.8
0.6
10000
0
4.5
2
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 11. On−Region Characteristics
Figure 12. Transfer Characteristics
1.0
2.0
1.5
Figure 13. On−Resistance versus Drain
Current
−ID, DRAIN CURRENT (A)
Figure 14. On−Resistance versus Drain
Current and Gate Voltage
−ID, DRAIN CURRENT (A)
Figure 15. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 16. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−50
50
25
0
−25
75
125
100
1
212
10
4
3
1
2
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 0 V
ID = −2.2 A
VGS = −4.5 V
3
TJ = 100°C
TJ = 150°C
2
0
1.5
TJ = 25°C
20
VGS = −1.9 V to −6 V
−1.5 V
3
1000
4
4
0
4
TJ = 25°C
150
10
2.5
−1.4 V
−1.3 V
−1.2 V
TJ = 25°C
VGS = −4.5 V
TJ = −55°C
TJ = 100°C
0
VGS = −4.5 V
VGS = −2.5 V
6
8
14
16
18
2
0.5
2.5
3
5
3.5
−1.6 V
−1.7 V
1
3
5
0.05
100
2.5
1.5
0.5
0.5
1.5
2.5
3.5
4.5
−1.8 V
0.1
0.05
0.1
0.04
0.07
0.06
0.08
0.09
4
1.0


Similar Part No. - NTLJD3119CTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119CTBG ONSEMI-NTLJD3119CTBG Datasheet
178Kb / 10P
   Power MOSFET
August, 2016 ??Rev. 5
More results

Similar Description - NTLJD3119CTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
   Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
   Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
   POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NTLGD3502N ONSEMI-NTLGD3502N Datasheet
87Kb / 8P
   Power MOSFET 20 V, 5.8 A/4.6 A Dual N?묬hannel, DFN6 3x3 mm Package
December, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com