Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTK3139P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTK3139P
Description  Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTK3139P Datasheet(HTML) 2 Page - ON Semiconductor

  NTK3139P Datasheet HTML 1Page - ON Semiconductor NTK3139P Datasheet HTML 2Page - ON Semiconductor NTK3139P Datasheet HTML 3Page - ON Semiconductor NTK3139P Datasheet HTML 4Page - ON Semiconductor NTK3139P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTK3139P
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State
(Note 3)
RqJA
280
°C/W
Junction−to−Ambient – t = 5 s
(Note 3)
RqJA
228
Junction−to−Ambient – Steady State Minimum Pad
(Note 4)
RqJA
400
3. Surface mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
4. Surface mounted on FR4 board using the minimum recommended pad size
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown
Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown
Voltage Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Reference to 25°C
−16.5
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −16V
TJ = 25°C
−1.0
mA
TJ = 125°C
−2.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±4.5 V
±2.0
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.45
−1.2
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
2.4
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −780 mA
0.38
0.48
W
VGS = −2.5 V, ID = −660 mA
0.52
0.67
VGS = −1.8 V, ID = −100 mA
0.70
0.95
VGS = −1.5 V, ID = −100 mA
0.95
2.20
Forward Transconductance
gFS
VDS = −10 V, ID = −540 mA
1.2
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = −16 V
113
170
pF
Output Capacitance
COSS
15
25
Reverse Transfer Capacitance
CRSS
9.0
15
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 6)
Turn On Delay Time
td(ON)
VGS = −4.5 V, VDS = −10 V,
ID = −200 mA, RG = 10 W
9.0
ns
Rise Time
tr
5.8
TurnOff Delay Time
td(OFF)
32.7
Fall Time
tf
20.3
DRAIN SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = −350 mA
TJ = 25°C
−0.8
−1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A, VDD = −20 V
13.2
ns
Charge Time
ta
11.8
Discharge Time
tb
1.4
Reverse Recovery Charge
QRR
5.0
nC
5. Pulse Test: pulse width = 300
ms, duty cycle = 2%
6. Switching characteristics are independent of operating junction temperatures


Similar Part No. - NTK3139P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3139PT1G ONSEMI-NTK3139PT1G Datasheet
107Kb / 5P
   Power MOSFET
September, 2013 ??Rev. 1
NTK3139PT1H ONSEMI-NTK3139PT1H Datasheet
107Kb / 5P
   Power MOSFET
September, 2013 ??Rev. 1
NTK3139PT5G ONSEMI-NTK3139PT5G Datasheet
107Kb / 5P
   Power MOSFET
September, 2013 ??Rev. 1
NTK3139PT5H ONSEMI-NTK3139PT5H Datasheet
107Kb / 5P
   Power MOSFET
September, 2013 ??Rev. 1
NTK3139P ONSEMI-NTK3139P_13 Datasheet
107Kb / 5P
   Power MOSFET
September, 2013 ??Rev. 1
More results

Similar Description - NTK3139P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTK3142PT1G ONSEMI-NTK3142PT1G Datasheet
131Kb / 5P
   Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2
logo
Leshan Radio Company
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
First Silicon Co., Ltd
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTK3134N ONSEMI-NTK3134N Datasheet
59Kb / 5P
   Power MOSFET 20 V, 890 mA, Single N?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NTK3043N ONSEMI-NTK3043N Datasheet
60Kb / 5P
   Power MOSFET 20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
April, 2006 ??Rev. 3
NVF2955PT1G ONSEMI-NVF2955PT1G Datasheet
116Kb / 5P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
logo
Leshan Radio Company
LNTK3043NT5G LRC-LNTK3043NT5G Datasheet
169Kb / 5P
   20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTZD3152P ONSEMI-NTZD3152P Datasheet
98Kb / 5P
   Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
   ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
   Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com