Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4815NHT4G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD4815NHT4G
Description  Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4815NHT4G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD4815NHT4G Datasheet HTML 1Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 2Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 3Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 4Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 5Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 6Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 7Page - ON Semiconductor NTD4815NHT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD4815NH
http://onsemi.com
7
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
−T− SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.018
0.023
0.46
0.58
F
0.037
0.045
0.94
1.14
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.025
0.040
0.63
1.01
U
0.020
−−−
0.51
−−−
V
0.035
0.050
0.89
1.27
Z
0.155
−−−
3.93
−−−
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
DPAK (SINGLE GAUGE)
CASE 369C
ISSUE O
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NTD4815NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4815N ONSEMI-NTD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4815N-1G ONSEMI-NTD4815N-1G Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
logo
VBsemi Electronics Co.,...
NTD4815N-1G VBSEMI-NTD4815N-1G Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4815N-35G ONSEMI-NTD4815N-35G Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results

Similar Description - NTD4815NHT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4815N ONSEMI-NTD4815N Datasheet
298Kb / 8P
   Power MOSFET 30 V, 35 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NVD4815N ONSEMI-NVD4815N Datasheet
168Kb / 8P
   30 V, 35 A, Single N?묬hannel, DPAK/IPAK
October, 2011 ??Rev. 7
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com