Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP2300SAT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NP2300SAT3G
Description  Thyristor Surge Protectors High Voltage Bidirectional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP2300SAT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NP2300SAT3G Datasheet HTML 1Page - ON Semiconductor NP2300SAT3G Datasheet HTML 2Page - ON Semiconductor NP2300SAT3G Datasheet HTML 3Page - ON Semiconductor NP2300SAT3G Datasheet HTML 4Page - ON Semiconductor NP2300SAT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NP Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics (Note 1)
Symbol
Min
Typ
Max
Unit
Breakover Voltage (Both Polarities)
NP0640SxT3G
NP0720SxT3G
NP0900SxT3G
NP1100SxT3G
NP1300SxT3G
NP1500SxT3G
NP1800SxT3G
NP2100SxT3G
NP2300SxT3G
NP2600SxT3G
NP3100SxT3G
NP3500SxT3G
V(BO)
77
88
98
130
160
180
220
240
260
300
350
400
V
Off−State Voltage (Both Polarities)
NP0640SxT3G
NP0720SxT3G
NP0900SxT3G
NP1100SxT3G
NP1300SxT3G
NP1500SxT3G
NP1800SxT3G
NP2100SxT3G
NP2300SxT3G
NP2600SxT3G
NP3100SxT3G
NP3500SxT3G
VDRM
58
65
75
90
120
140
170
180
190
220
275
320
V
Off State Current
( VD1 = 50 V ) Both Polarities
( VD2 = VDRM ) Both Polarities
IDRM1
IDRM2
2.0
5.0
mA
mA
Holding Current (Both Polarities) (Note 4) VS = 500 V; IT = 2.2 A
IH
150
250
mA
On−State Voltage IT = 1.0 A(pk) (PW = 300 mSec, DC = 2%)
VT
4.0
V
Maximum Non−Repetitive Rate of Change of On−State Current (Note 1)
(Haefely test method, 1.0 pk < 100 A)
di/dt
500
A/
mSec
Critical Rate of Rise of Off−State Voltage
(Linear Waveform, VD = 0.8 VDRM, TJ = 25°C)
dv/dt
5.0
kV/
mSec
CAPACITANCE
Characteristics
Symbol
Typ
Unit
A
B
C
(f=1.0 MHz, 1.0 Vrms, 2 Vdc bias)
NP0640SxT3G
NP0720SxT3G
NP0900SxT3G
NP1100SxT3G
NP1300SxT3G
NP1500SxT3G
NP1800SxT3G
NP2100SxT3G
NP2300SxT3G
NP2600SxT3G
NP3100SxT3G
NP3500SxT3G
Co
70
70
70
70
60
60
60
60
40
40
40
40
125
125
125
125
100
100
100
100
60
60
60
60
210
210
210
210
180
180
180
180
100
100
100
100
pF
1. Electrical parameters are based on pulsed test methods.
2. di/dt must not be exceeded of a maximum of 100 A/
mSec in this application.
3. Measured under pulsed conditions to reduce heating
4. Allow cooling before testing second polarity.


Similar Part No. - NP2300SAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP2300SAMCT3G ONSEMI-NP2300SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
More results

Similar Description - NP2300SAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05B350T3 ONSEMI-MMT05B350T3 Datasheet
63Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 2
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com