Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTD4810NH Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NTD4810NH
Description  Power MOSFET 30 V, 54 A, Single N−Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTD4810NH Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD4810NH
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
5 V
10 V
0.025
30
0.005
0
1.5
1.0
0
10,000
100,000
05
30
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
11
0.025
4
0.015
0.011
0.007
5
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Drain Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
50
25
0
−25
75
125
100
23
16
12
32
4
3
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 4.5 V
175
VGS = 0 V
ID = 30 A
VGS = 10 V
50
TJ = 150°C
TJ = 125°C
40
0
45
TJ = 25°C
20
10
6 V
3 V
8 V
2.0
1000
4
1
610
0.019
40
0.010
50
4.5 V
3.5 V
4 V
3.8 V
40
10
20
60
30
20
70
10
50
ID = 30 A
TJ = 25°C
78
9
0.009
0.013
0.017
0.023
0.021
25
35
45
55
VGS = 11.5 V
150
100
3.2 V
TJ = 25°C
0.015
15
20
0.5
6
0.5
5.5
2.5
1.5
3.5
4.5
4.2 V
60
0.020
28
24
8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn