Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTD4809NH Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NTD4809NH
Description  Power MOSFET 30 V, 58 A, Single N−Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NTD4809NH Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 1
1
Publication Order Number:
NTD4809NH/D
NTD4809NH
Power MOSFET
30 V, 58 A, Single N−Channel, DPAK/IPAK
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These are Pb−Free Devices
Applications
CPU Power Delivery
DC−DC Converters
Low Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain
Current (RqJA) (Note 1)
Steady
State
TA = 25°C
ID
11.5
A
TA = 85°C
9.0
Power Dissipation
(RqJA) (Note 1)
TA = 25°C
PD
2.0
W
Continuous Drain
Current (RqJA) (Note 2)
TA = 25°C
ID
9.0
A
TA = 85°C
7.0
Power Dissipation
(RqJA) (Note 2)
TA = 25°C
PD
1.3
W
Continuous Drain
Current (RqJC)
(Note 1)
TC = 25°C
ID
58
A
TC = 85°C
45
Power Dissipation
(RqJC) (Note 1)
TC = 25°C
PD
52
W
Pulsed Drain Current
tp=10ms TA = 25°C
IDM
130
A
Current Limited by Package
TA = 25°C
IDmaxPkg
45
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
175
°C
Source Current (Body Diode)
IS
43
A
Drain to Source dV/dt
dV/dt
6.0
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 24 V, VGS = 10 V,
L = 1.0 mH, IL(pk) = 15 A, RG = 25 W)
EAS
112.5
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
DPAK
CASE 369C
(Bent Lead)
STYLE 2
MARKING DIAGRAMS
& PIN ASSIGNMENTS
IPAK
CASE 369D
(Straight Lead
DPAK)
30 V
9.0 m
W @ 10 V
RDS(on) MAX
58 A
ID MAX
V(BR)DSS
14 m
W @ 4.5 V
http://onsemi.com
1 2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
3 IPAK
CASE 369AD
(Straight Lead)
1
2
3
4
N−Channel
D
S
G
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
Y
= Year
WW
= Work Week
4809NH= Device Code


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn