Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7366 Datasheet(PDF) 7 Page - Analog Devices

Part No. AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7366 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Preliminary Technical Data
AD7366
Rev. PrG | Page 7 of 17
ABSOLUTE MAXIMUM RATINGS
Table 4
Parameter
Rating
VDD to AGND, DGND
−0.3 V to +16.5 V
VSS to AGND, DGND
−0.3 V to +16.5 V
VDRIVE to DGND
−0.3 V to DVDD
VDD to AVcc
Vcc – 0.3V to +16.5V
AVCC to AGND, DGND
-0.3V to +7V
DVCC to AVCC
-0.3 V to + 0.3V
DVCC to DGND
-0.3 V to + 7V
VDRIVE to AGND
−0.3 V to DVCC
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
VSS −0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to VDRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDRIVE + 0.3 V
VREFA, VREFB input to AGND
−0.3 V to AVCC + 0.3 V
Input Current to Any Pin
Except Supplies1
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θJA Thermal Impedance
128°C/W
θJC Thermal Impedance
42°C/W
Pb-free Temperature, Soldering
Reflow
260(+0)°C
ESD
TBD kV
1 Transient currents of up to 100 mA will not cause latch up.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn