Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7366 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7366 Datasheet HTML 2Page - Analog Devices AD7366 Datasheet HTML 3Page - Analog Devices AD7366 Datasheet HTML 4Page - Analog Devices AD7366 Datasheet HTML 5Page - Analog Devices AD7366 Datasheet HTML 6Page - Analog Devices AD7366 Datasheet HTML 7Page - Analog Devices AD7366 Datasheet HTML 8Page - Analog Devices AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 6 of 17
TIMING SPECIFICATIONS
AVCC = DVCC =4.75 V to 5.25 V, VDD = 11.5 V to 16.5 V, VSS = −11.5 V to −16.5 V, VDRIVE = 2.7 V to 5.25V, TA = TMIN to TMAX, unless
otherwise noted1.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Test Conditions / Comments
2.7V≤VDRIVE<4.75V
4.75V≤VDRIVE≤5.25V
tCONVERT
610
610
ns max
Conversion time, Internal clock. CONVST falling edge to BUSY falling
edge
fSCLK
10
10
kHz min
Frequency of serial read clock.
35
48
MHz
max
tQUIET
30
30
ns min
Minimum quiet time required between end of serial read and start of
next conversion
t1
10
10
ns min
Minimum CONVST Low pulse.
t2
5
5
ns min
CONVST falling edge to BUSY rising edge.
t3
0
0
ns min
BUSY falling edge to MSB valid once CS is low for t4 prior to BUSY going
Low
t4
10
10
ns max
Delay from CS falling edge until DOUTA and DOUTB are three-state
disabled
t52
20
14
ns max
Data access time after SCLK falling edge
t6
5
5
ns min
SCLK to data valid hold time
t7
0.1 tSCLK
0.1 tSCLK
ns min
SCLK low pulse width
t8
0.1 tSCLK
0.1 tSCLK
ns min
SCLK high pulse width
t9
10
10
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t10
5
5
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
10
10
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
tPOWER-UP
70
70
μs
Power up time from shutdown mode. Time required between CONVST
rising edge and CONVST falling edge.
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used. See
Terminology section and Figure 9.
2 The time required for the output to cross 0.4 V or 2.4 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn