Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS14T3
Description  12 V, 1 A, Low VCE(sat) PNP Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS14T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS14T3 Datasheet HTML 1Page - ON Semiconductor SS14T3 Datasheet HTML 2Page - ON Semiconductor SS14T3 Datasheet HTML 3Page - ON Semiconductor SS14T3 Datasheet HTML 4Page - ON Semiconductor SS14T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12100XV6T1G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
500
4.0
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
250
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
650
5.2
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
192
°C/W
Thermal Resistance,
Junction−to−Lead 6
RqJL
105
°C/W
Total Device Dissipation
(Single Pulse < 10 sec.)
PD Single
1.0
W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage, (IC = −10 mAdc, IB = 0)
V(BR)CEO
−12
Vdc
Collector −Base Breakdown Voltage, (IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−12
Vdc
Emitter −Base Breakdown Voltage, (IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current, (VCB = −12 Vdc, IE = 0)
ICBO
−0.02
−0.1
mAdc
Emitter Cutoff Current, (VCES = −5.0 Vdc, IE = 0)
IEBO
−0.03
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = −10 mA, VCE = −2.0 V)
(IC = −500 mA, VCE = −2.0 V)
(IC = −1.0 A, VCE = −2.0 V)
hFE
200
100
90
Collector −Emitter Saturation Voltage (Note 3)
(IC = −0.05 A, IB = −0.005 A) (Note 4)
(IC = −0.1 A, IB = −0.002 A)
(IC = −0.1 A, IB = −0.010 A)
(IC = −0.5 A, IB = −0.050 A)
(IC = −1.0 A, IB = −0.100 A)
VCE(sat)
−0.030
−0.080
−0.050
−0.200
−0.400
−0.040
−0.100
−0.060
−0.225
−0.440
V
Base −Emitter Saturation Voltage (Note 3)
(IC = −1.0 A, IB = −0.01 A)
VBE(sat)
0.95
−1.15
V
Base −Emitter Turn−on Voltage (Note 3)
(IC = −2.0 A, VCE = −3.0 V)
VBE(on)
−1.05
−1.15
V
Input Capacitance (VEB = −0.5 V, f = 1.0 MHz)
Cibo
50
pF
Output Capacitance (VCB = −3.0 V, f = 1.0 MHz)
Cobo
20
pF
1. FR−4 @ 100 mm2, 1 oz copper traces.
2. FR−4 @ 500 mm2, 1 oz copper traces.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.
4. Guaranteed by design but not tested.


Similar Part No. - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS14T3 ONSEMI-SS14T3 Datasheet
63Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
SS14T3 ONSEMI-SS14T3 Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS14T3 ONSEMI-SS14T3 Datasheet
88Kb / 6P
   12 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
SS14T3 ONSEMI-SS14T3 Datasheet
58Kb / 4P
   Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
More results

Similar Description - SS14T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS12100UW3TCG ONSEMI-NSS12100UW3TCG Datasheet
86Kb / 5P
   12 V, 1 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G Datasheet
60Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G_09 Datasheet
132Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3
NSS12200WT1G ONSEMI-NSS12200WT1G_09 Datasheet
134Kb / 5P
   12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G_07 Datasheet
106Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
NSS12600CF8T1G ONSEMI-NSS12600CF8T1G Datasheet
102Kb / 5P
   12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12200WT1G ONSEMI-NSS12200WT1G Datasheet
63Kb / 6P
   12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS12200LT1G ONSEMI-NSS12200LT1G Datasheet
102Kb / 5P
   12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS12500UW3T2G ONSEMI-NSS12500UW3T2G_07 Datasheet
108Kb / 5P
   12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com