Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAS7222A Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NLAS7222A
Description  3.3 V, Wide Bandwidth, 2− to −1−Port (DPDT) Switch with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NLAS7222A Datasheet(HTML) 2 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS7222A
http://onsemi.com
2
Figure 1. Pin Connections and Logic Diagram
(Top View)
8
9
10
12
76
5
4
3
HSD1+
HSD2+
HSD1−
HSD2−
D−
GND
D+
OE
VCC
S
CONTROL
Table 1. PIN DESCRIPTION
Pin
Function
S
Select Input
OE
Output Enable
HSD1+, HSD1−, HSD2+,
HSD2−, D+, D−
Data Ports
Table 2. TRUTH TABLE
OE
S
HSD1+,
HSD1−
HSD2+,
HSD2−
1
0
0
X
0
1
OFF
ON
OFF
OFF
OFF
ON
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +4.6
V
VIS
Analog Switch Input Voltage
HSD1+, HSD1−, HSD2+, HSD2−
D+, D−
−0.5 to VCC + 0.3
−0.5 to +4.6
V
VIN
Digital Select Input Voltage
−0.5 to +4.6
V
ID
Continuous DC Current (Through Analog Switch)
50
mA
PD
Power Dissipation
0.5
W
TS
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
3.0
3.6
V
VIS
Analog I/O Voltage (HSD1+, HSD1−, HSD2+, HSD2−)
GND
VCC
V
VOS
Analog Common Output Voltage (D+, D−)
GND
3.6
V
VIN
Digital Select Input Voltage
GND
VCC
V
TA
Operating Temperature Range
−40
+85
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V ± 0.3 V
0
15
ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn