Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS2066 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS2066
Description  Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS2066 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS2066 Datasheet HTML 1Page - ON Semiconductor NLAS2066 Datasheet HTML 2Page - ON Semiconductor NLAS2066 Datasheet HTML 3Page - ON Semiconductor NLAS2066 Datasheet HTML 4Page - ON Semiconductor NLAS2066 Datasheet HTML 5Page - ON Semiconductor NLAS2066 Datasheet HTML 6Page - ON Semiconductor NLAS2066 Datasheet HTML 7Page - ON Semiconductor NLAS2066 Datasheet HTML 8Page - ON Semiconductor NLAS2066 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NLAS2066
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VI
DC Input Voltage
Pins 1, 3, 5, 7
Pins 2, 6
*0.5 to )7.0
−0.5 to VCC
V
VO
DC Output Voltage
*0.5 to )7.0
V
IIK
DC Input Diode Current
VI < GND
*50
mA
IOK
DC Output Diode Current
VO < GND
*50
mA
IO
DC Output Sink Current
$50
mA
ICC
DC Supply Current per Supply Pin
$100
mA
IGND
DC Ground Current per Ground Pin
$100
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature under Bias
)150
°C
qJA
Thermal Resistance (Note 1)
250
°C/W
PD
Power Dissipation in Still Air at 85
°C
250
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 2000
> 200
N/A
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow
2. Tested to EIA/JESD22−A114−A
3. Tested to EIA/JESD22−A115−A
4. Tested to JESD22−C101−A
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage (Enable)
GND
5.5
V
VIO
Static or Dynamic Voltage Across an Off Switch
GND
VCC
V
VIS
Analog Input Voltage
NO
COM
GND
GND
VCC
5.5
V
TA
Operating Temperature Range, All Package Types
−55
+125
°C
tr, tf
Input Rise or Fall Time
VCC = 3.3 V + 0.3 V
(Enable Input)
VCC = 5.0 V + 0.5 V
0
0
100
20
ns/V


Similar Part No. - NLAS2066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066USG ONSEMI-NLAS2066USG Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066UST3G ONSEMI-NLAS2066UST3G Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
More results

Similar Description - NLAS2066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com