Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS2066 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLAS2066
Description  Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS2066 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLAS2066 Datasheet HTML 2Page - ON Semiconductor NLAS2066 Datasheet HTML 3Page - ON Semiconductor NLAS2066 Datasheet HTML 4Page - ON Semiconductor NLAS2066 Datasheet HTML 5Page - ON Semiconductor NLAS2066 Datasheet HTML 6Page - ON Semiconductor NLAS2066 Datasheet HTML 7Page - ON Semiconductor NLAS2066 Datasheet HTML 8Page - ON Semiconductor NLAS2066 Datasheet HTML 9Page - ON Semiconductor NLAS2066 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NLAS2066
http://onsemi.com
7
−10
0
FREQUENCY (MHz)
0.01
100
10
1
300
0.1
Off Isolation, Pin 5 and 6
Crosstalk
VCC = 3.0 V
TA = 25°C
0.01
0.1
1.0
0.01
0.1
1.0
10
100
−6
−4
−2
0
2
4
6
8
10
01
2
3
45
FREQUENCY (MHZ)
VCC = 3.0 V
VPP = 3.1 V
VCC = 5.5 V
VPP = 5.0 V
VCOM (V)
VCC = 5.0 V
VCC = 3.0 V
Figure 8. ON Channel Bandwidth and Phase
Shift Over Frequency
Figure 9. ON Channel Bandwidth and Phase
Shift Over Frequency
Figure 10. Off Isolation and Crosstalk
Figure 11. Off Isolation and Crosstalk
Figure 12. Charge Injection vs. VCOM
Figure 13. THD vs. Frequency
FREQUENCY (MHz)
0.01
100
10
1.0
300
0.1
0
−10
Bandwidth (On − Loss)
Phase (Degrees)
VCC = 3.0 V
TA = 25°C
0.001
FREQUENCY (MHz)
0.01
100
10
1.0
300
0.1
0
−10
Bandwidth (On − Loss)
Phase (Degrees)
VCC = 5.0 V
TA = 25°C
0.001
0
−1
0
−1
−10
0
FREQUENCY (MHz)
0.01
100
10
1
300
0.1
Off Isolation, Pin 1 and 2
Crosstalk
VCC = 5.0 V
TA = 25°C


Similar Part No. - NLAS2066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066USG ONSEMI-NLAS2066USG Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066UST3G ONSEMI-NLAS2066UST3G Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
More results

Similar Description - NLAS2066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS2066 ONSEMI-NLAS2066_10 Datasheet
131Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch with Over Voltage Tolerance
November, 2010 ??Rev. 6
NLAS2066 ONSEMI-NLAS2066_15 Datasheet
94Kb / 9P
   Ultra-Small Dual Single Pole, Single Throw Analog Switch
July, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HCT2G66 NEXPERIA-74HCT2G66 Datasheet
288Kb / 19P
   Dual single-pole single-throw analog switch
Rev. 11 - 6 November 2018
74HCT2G66-Q100 NEXPERIA-74HCT2G66-Q100 Datasheet
273Kb / 17P
   Dual single-pole single-throw analog switch
Rev. 2 - 6 November 2018
logo
NXP Semiconductors
74HC2G66 NXP-74HC2G66 Datasheet
203Kb / 21P
   Dual single-pole single-throw analog switch
Rev. 06-2 April 2010
74HC2G66GT NXP-74HC2G66GT Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
74HC_HCT2G66 PHILIPS-74HC_HCT2G66_15 Datasheet
233Kb / 23P
   Dual single-pole single-throw analog switch
Rev. 10-3 October 2013
logo
Nexperia B.V. All right...
74HC2G66-Q100 NEXPERIA-74HC2G66-Q100 Datasheet
274Kb / 17P
   Dual single-pole single-throw analog switch
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com