Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL7SZ18DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL7SZ18DFT2
Description  1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL7SZ18DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  NL7SZ18DFT2 Datasheet HTML 1Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 2Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 3Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 4Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 5Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 6Page - ON Semiconductor NL7SZ18DFT2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NL7SZ18
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Condition
Symbol
VCC
(V)
TA = 255C
TA = −405C to 855C
Unit
Min
Typ
Max
Min
Max
High−Level
Input Voltage
VIH
1.65−1.95
2.3−5.5
0.75 VCC
0.70 VCC
0.75 VCC
0.70 VCC
V
Low−Level
Output Voltage
VIL
1.65−1.95
2.3−5.5
0.25 VCC
0.30 VCC
0.25 VCC
0.30 VCC
V
High−Level
Output Voltage
VIN = VIH
IOH = −100 ma
VOH
1.65
2.3
3.0
4.5
1.55
2.20
2.90
4.40
1.65
2.30
3.00
4.50
1.55
2.20
2.90
4.40
V
IOH = −4.0 mA
IOH = −8.0 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65
2.3
3.0
3.0
4.5
1.29
1.90
2.40
2.30
3.80
1.52
2.15
2.80
2.68
4.20
1.29
1.90
2.40
2.30
3.80
Low−Level
Output Voltage
VIN = VIL
IOL = 100 ma
VOL
1.65
2.3
3.0
4.5
0.0
0.0
0.0
0.0
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
V
IOL = 4.0 mA
IOL = 8.0 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65
2.3
3.0
3.0
4.5
0.08
0.10
0.15
0.22
0.22
0.24
0.30
0.40
0.55
0.55
0.24
0.30
0.40
0.55
0.55
Input Leakage
Current
VIN = 5.5 V, GND
IIN
0.0 to 5.5
"0.1
"1.0
mA
Output High−Z
Current
VIN = VIH or VIL
0
t Vout v 5.5 V
IOZ
1.65 to 5.5
"0.5
"5.0
mA
Power−Off
Leakage
Current
VIN or VCC = 5.5 V
IOFF
0.0
1.0
10
mA
Quiescent
Supply Current
VIN = 5.5 V, GND
ICC
1.8 to 5.5
1.0
10
mA


Similar Part No. - NL7SZ18DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SZ18DFT2 ONSEMI-NL7SZ18DFT2 Datasheet
118Kb / 7P
   1?뭪o?? Demultiplexer with 3?뭆tate Deselected Output
February, 2007 ??Rev. 7
NL7SZ18DFT2 ONSEMI-NL7SZ18DFT2 Datasheet
128Kb / 7P
   1-to-2 Demultiplexer 3-State Deselected Output
August, 2010 ??Rev. 9
NL7SZ18DFT2G ONSEMI-NL7SZ18DFT2G Datasheet
118Kb / 7P
   1?뭪o?? Demultiplexer with 3?뭆tate Deselected Output
February, 2007 ??Rev. 7
NL7SZ18DFT2G ONSEMI-NL7SZ18DFT2G Datasheet
128Kb / 7P
   1-to-2 Demultiplexer 3-State Deselected Output
August, 2010 ??Rev. 9
NL7SZ18DFT2G ONSEMI-NL7SZ18DFT2G Datasheet
394Kb / 11P
   1-to-2 Demultiplexer with 3-State Deselected Output
September, 2020 ??Rev. 11
More results

Similar Description - NL7SZ18DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SZ18 ONSEMI-NL7SZ18_07 Datasheet
118Kb / 7P
   1?뭪o?? Demultiplexer with 3?뭆tate Deselected Output
February, 2007 ??Rev. 7
NL17SZ126 ONSEMI-NL17SZ126_06 Datasheet
77Kb / 7P
   Non?묲nverting 3?뭆tate Buffer
February, 2006 ??Rev. 5
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_06 Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
NL7SZ18 ONSEMI-NL7SZ18_V01 Datasheet
394Kb / 11P
   1-to-2 Demultiplexer with 3-State Deselected Output
September, 2020 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com