Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7327 Datasheet(PDF) 28 Page - Analog Devices

Part No. AD7327
Description  500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7327 Datasheet(HTML) 28 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD7327
Rev. 0 | Page 28 of 36
REFERENCE
The AD7327 can operate with either the internal 2.5 V on-chip
reference or an externally applied reference. The internal
reference is selected by setting the Ref bit in the control register
to 1. On power-up, the Ref bit is 0, which selects the external
reference for the AD7327 conversion. Suitable reference sources
for the AD7327 include AD780, AD1582, ADR431, REF193,
and ADR391.
The internal reference circuitry consists of a 2.5 V band gap
reference and a reference buffer. When operating the AD7327
in internal reference mode, the 2.5 V internal reference is available
at the REFIN/OUT pin, which should be decoupled to AGND
using a 680 nF capacitor. It is recommended that the internal
reference be buffered before applying it elsewhere in the system.
The internal reference is capable of sourcing up to 90 μA.
On power-up, if the internal reference operation is required for
the ADC conversion, a write to the control register is necessary
to set the Ref bit to 1. During the control register write, the
conversion result from the first initial conversion is invalid. The
reference buffer requires 500 μs to power up and charge the
680 nF decoupling capacitor during the power-up time.
The AD7327 is specified for a 2.5 V to 3 V reference range.
When a 3 V reference is selected, the ranges are ±12 V, ±6 V,
±3 V, and 0 V to +12 V. For these ranges, the VDD and VSS supply
must be equal to or greater than the maximum analog input
range selected (see Table 6).
VDRIVE
The AD7327 has a VDRIVE feature to control the voltage at which
the serial interface operates. VDRIVE allows the ADC to easily
interface to both 3 V and 5 V processors. For example, if the
AD7327 is operated with a VCC of 5 V, the VDRIVE pin can be
powered from a 3 V supply. This allows the AD7327 to accept
large bipolar input signals with low voltage digital processing.
TEMPERATURE INDICATOR
The AD7327 has an on-chip temperature indicator. The
temperature indicator can be used to give local temperature
measurements on the AD7327. To access the temperature
indicator, the ADC should be configured in pseudo differential
mode, Mode 1 = Mode 0 = 1, and Channel Bits ADD2, ADD1,
and ADD0 should be set to 1. VIN7 must be tied to AGND or to
a small dc voltage within the specified pseudo input range for
the selected analog input range. When a conversion is initiated
in this configuration, the output code represents the temperature
(see Figure 46 and Figure 47). When using the temperature
indicator on the AD7327, the part should be operated at low
throughput rates, such as approximately 50 kSPS for the ±10 V
range and 30 kSPS for the ±2.5 V range. The throughput rate is
reduced for the temperature indicator mode because the
AD7327 requires more acquisition time for this mode.
4420
4340
–40
100
TEMPERATURE (°C)
4410
4400
4390
4380
4370
4360
4350
–20
0
20
40
60
80
±10V RANGE, INT REF
VCC =VDRIVE =5V
VDD/VSS = ±12V
50kSPS
Figure 46. Temperature vs. ADC Output Code for ±10 V Range
5450
5100
–40
80
TEMPERATURE (°C)
5400
5350
5300
5250
5200
5150
–20
0
20
40
60
VCC =VDRIVE =5V
VDD/VSS =±12V
±2.5V RANGE
INT REFERENCE
30kSPS
Figure 47. Temperature vs. ADC Output Code for ±2.5 V Range


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn