Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7327 Datasheet(PDF) 26 Page - Analog Devices

Part No. AD7327
Description  500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7327 Datasheet(HTML) 26 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD7327
Rev. 0 | Page 26 of 36
SEQUENCER OPERATION
DIN: WRITE TO RANGE REGISTER 1 TO SELECT THE RANGE
FOR EACH ANALOG INPUT CHANNEL.
DOUT: CONVERSION RESULT FROM CHANNEL 0, ±10V
RANGE, SINGLE-ENDED MODE.
CS
DIN: TIE DIN LOW/WRITE BIT = 0 TO CONTINUE TO CONVERT
THROUGH THE SEQUENCE OF CHANNELS.
DOUT: CONVERSION RESULT FROM FIRST CHANNEL IN
THE SEQUENCE.
CS
DIN: WRITE TO SEQUENCE REGISTER TO SELECT THE
NEW SEQUENCE.
DOUT: CONVERSION RESULT FROM CHANNEL X IN
THE FIRST SEQUENCE.
CS
DIN: WRITE TO RANGE REGISTER 2 TO SELECT THE RANGE
FOR EACH ANALOG INPUT CHANNEL.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
SINGLE-ENDED MODE, RANGE SELECTED IN
RANGE REGISTER 1.
CS
DIN: WRITE TO CONTROL REGISTER TO START THE
SEQUENCE, Seq1 = 0, Seq2 = 1.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
SINGLE-ENDED MODE, RANGE SELECTED IN
RANGE REGISTER 1.
CS
DIN: WRITE TO SEQUENCE REGISTER TO SELECT THE
ANALOG INPUT CHANNELS TO BE INCLUDED IN
THE SEQUENCE.
DOUT: CONVERSION RESULT FROM CHANNEL 0,
SINGLE-ENDED MODE, RANGE SELECTED IN
RANGE REGISTER 1.
CS
POWER ON.
CONTINUOUSLY CONVERT
ON THE SELECTED SEQUENCE
OF CHANNELS.
DINTIEDLOW/WRITE BIT = 0.
SELECTING A NEW SEQUENCE.
DIN: WRITE TO CONTROL
REGISTER TO STOP THE
SEQUENCE, Seq1 = 0, Seq2 = 0.
DOUT: CONVERSION RESULT
FROM CHANNEL IN SEQUENCE.
CS
STOPPING
A SEQUENCE.
Figure 44. Programmable Sequence Flowchart
The AD7327 can be configured to automatically cycle through a
number of selected channels using the on-chip sequence register
with the Seq1 bit and the Seq2 bit in the control register. Figure 44
shows how to program the AD7327 register to operate in
sequence mode.
After power-up, all of the four on-chip registers contain default
values. Each analog input has a default input range of ±10 V. If
different analog input ranges are required, a write to the range
registers is required. This is shown in the first two serial
transfers of Figure 44.
These two initial serial transfers are only necessary if input
ranges other than the default ranges are required. After the
analog input ranges are configured, a write to the sequence
register is necessary to select the channels to be included in the
sequence. Once the channels for the sequence have been
selected, the sequence can be initiated by writing to the control
register and setting Seq1 to 0 and Seq2 to 1. The AD7327
continues to convert through the selected sequence without
interruption provided the sequence register remains unchanged
and Seq1 = 0 and Seq2 = 1 in the control register.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn