Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJT4030P Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NJT4030P
Description  Bipolar Power Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NJT4030P Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NJT4030P
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 2. DC Current Gain
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
100
200
300
400
500
600
10
1
0.1
0.01
0.001
0
100
200
300
500
600
700
Figure 4. Collector−Emitter Saturation Voltage
Figure 5. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
1
0.1
0.01
0.001
0.01
0.1
1
Figure 6. Collector Saturation Region
Figure 7. VBE(on) Voltage
IB, BASE CURRENT (A)
IC, COLLECTOR CURRENT (A)
1.0E−03
1.0E−04
0.01
0.1
1
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
1.2
VCE = 1 V
150
°C
−40
°C
25
°C
VCE = 4 V
150
°C
−40
°C
25
°C
400
IC/IB = 10
150
°C
−40
°C
25
°C
IC/IB = 50
150
°C
−40
°C
25
°C
1.0E−02
1.0E−01
1.0E+00
0.7
0.8
0.9
1.0
1.1
VCE = 2 V
150
°C
−40
°C
25
°C
IC = 2 A
0.1 A
1 A
0.5 A


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn