Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJT4030P Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NJT4030P
Description  Bipolar Power Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NJT4030P Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJT4030P
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 10 mAdc, IB = 0 Adc)
VCEO(sus)
40
Vdc
Emitter−Base Voltage
(IE = 50 mAdc, IC = 0 Adc)
VEBO
6.0
Vdc
Collector Cutoff Current
(VCB = 40 Vdc)
ICBO
100
nAdc
Emitter Cutoff Current
(VBE = 6.0 Vdc)
IEBO
100
nAdc
ON CHARACTERISTICS (Note 1)
Collector−Emitter Saturation Voltage
(IC = 0.5 Adc, IB = 5.0 mAdc)
(IC = 1.0 Adc, IB = 10 mAdc)
(IC = 3.0 Adc, IB = 0.3 Adc)
VCE(sat)
0.150
0.200
0.500
Vdc
Base−Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.1 Adc)
VBE(sat)
1.0
Vdc
Base−Emitter On Voltage
(IC = 1.0 Adc, VCE = 2.0 Vdc)
VBE(on)
1.0
Vdc
DC Current Gain
(IC = 0.5 Adc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
(IC = 3.0 Adc, VCE = 1.0 Vdc)
hFE
220
200
100
400
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, f = 1.0 MHz)
Cob
40
pF
Input Capacitance
(VEB = 5.0 Vdc, f = 1.0 MHz)
Cib
130
pF
Current−Gain − Bandwidth Product (Note 2)
(IC = 500 mA, VCE = 10 V, Ftest = 1.0 MHz)
fT
160
MHz
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. fT = |hFE| • ftest
Figure 1. Power Derating
TJ, TEMPERATURE (°C)
150
100
75
50
25
0
0.5
1.0
1.5
2.0
2.5
TC
125
TA


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn