Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJT4030P Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NJT4030P
Description  Bipolar Power Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NJT4030P Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJT4030P
http://onsemi.com
2
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
40
Vdc
Collector−Base Voltage
VCB
40
Vdc
Emitter−Base Voltage
VEB
6.0
Vdc
Base Current − Continuous
IB
1.0
Adc
Collector Current − Continuous
Collector Current − Peak
IC
3.0
5.0
Adc
Total Power Dissipation
Total PD @ TA = 25°C mounted on 1” sq. (645 sq. mm) Collector pad on FR−4 bd material
Total PD @ TA = 25°C mounted on 0.012” sq. (7.6 sq. mm) Collector pad on FR−4 bd material
PD
2.0
0.80
W
Operating and Storage Junction Temperature Range
TJ, Tstg
– 55 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
− Junction−to−Ambient on 1” sq. (645 sq. mm) Collector pad on FR−4 bd material
− Junction−to−Ambient on 0.012” sq. (7.6 sq. mm) Collector pad on FR−4 bd material
RqJA
RqJA
64
155
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8” from case for 5 seconds
TL
260
°C
ORDERING INFORMATION
Device
Package
Shipping
NJT4030PT1G
SOT−223
(Pb−Free)
1000 / Tape & Reel
NJT4030PT3G
SOT−223
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn