Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJT4030P Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NJT4030P
Description  Bipolar Power Transistors PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NJT4030P Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NJT4030P
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 8. Base−Emitter Saturation Voltage
Figure 9. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.7
0.9
1.1
1.3
Figure 10. Input Capacitance
Figure 11. Output Capacitance
VEB, EMITTER BASE VOLTAGE (V)
VCB, COLLECTOR BASE VOLTAGE (V)
6
5
4
3
2
1
0
0
50
100
150
200
250
300
350
35
30
25
20
15
10
5
0
0
20
40
60
80
100
Figure 12. Current−Gain Bandwidth Product
Figure 13. Safe Operating Area
IC, COLLECTOR CURRENT (A)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1
0.1
0.01
0.001
0
20
40
60
120
140
180
200
100
10
1
0.01
0.1
1
10
0.4
0.5
0.6
0.8
1.0
1.2
IC/IB = 10
150
°C
−40
°C
25
°C
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.7
0.9
1.1
0.4
0.5
0.6
0.8
1.0
1.2
IC/IB = 50
150
°C
−40
°C
25
°C
TJ = 25°C
ftest = 1 MHz
TJ = 25°C
ftest = 1 MHz
80
100
160
TJ = 25°C
ftest = 1 MHz
VCE = 10 V
0.5 ms
10 ms
100 ms
1 ms


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn