Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5102QP1HT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NIS5102QP1HT1G
Description  High Side SMART HotPlug IC/Inrush Limiter/Circuit Breaker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5102QP1HT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NIS5102QP1HT1G Datasheet HTML 6Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 7Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 8Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 9Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 10Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 11Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 12Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 13Page - ON Semiconductor NIS5102QP1HT1G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NIS5102
http://onsemi.com
11
VCC
ROVLO
300 k
OVLO
200 k
Ground
Source
Figure 19. Equivalent Overvoltage Lockout Circuit
2 M
7 V
The theoretical equation for the OVLO turn−on voltage is:
ROVLO (KW) +
300 Vin * 2100
21.8
* Vin
The OVLO trip point voltage calculated through the
theoretical formula may show small variations with respect
to Figure 4, therefore it is recommended to use the formulas
gotten from the OVLO characterization, which are shown
below:
ROVLO (kW) + e [(OVLO ) 5.2) 3.46]; for TJ + 25°C
where “OVLO” is the desired overvoltage lockout value,
and ROVLO is the programming resistor from the OVLO pin
to the VCC pin.
To reduce nuisance tripping due to transients and noise
spikes, a capacitor may be added from the OVLO pin to
ground. This will create a low pass filter with a cutoff
frequency of f. The required capacitance on this pin is:
COVLO +
[1
) (8.83 E−6 ·ROVLO)]
2
p ·f ·ROVLO
This pin is also used as a common shutdown pin. In this
mode, if this pin is pulled to ground, it will shutdown the chip
and all chips connected to its OVLO pin.
The OVLO pin has an internal switch to ground that will
pull it low, whenever the device is disabled due to any fault
other than an Overvoltage condition. An enable pin
shutdown is not considered a fault and will not cause a
common shutdown. This feature allows multiple units to
turn on and off simultaneously by tying the OVLO pins
together in parallel. This can be used for operating several
hot plug devices in parallel, or for use with separate loads,
when
all
devices
need
to
startup
and
shutdown
simultaneously.
Temperature Limit
The temperature limit circuit senses the temperature of the
Power FET and removes the gate drive if the maximum level
is exceeded. For the auto−retry device, there is a nominal
hysteresis of 40
°C for this circuit. After a thermal shutdown,
the device will automatically restart when the temperature
drops to a safe level as determined by the hysteresis. The
latching thermal circuit can be reset either by recycling the
input power, or by toggling the enable signal.
Current Limit
An external resistor from the current limit pin to the source
pins set the level at which the device will limit the current.
The plot of resistance vs. current limit includes two curves,
one for short circuit and one for overload.
A short circuit condition is one in which the SENSEFET
is not fully enhanced, and is therefore in a high impedance
mode of operation. In this case there are many hundreds of
millivolts across the drain to source pins of the SENSEFET.
This occurs when the output sees a very low impedance short
as well as when the capacitor is charging at turn on. In both
cases there are several volts or more across the FET.
An overload condition is one in which the SENSEFET is
still fully enhanced and the drain to source voltage is the
product of the drain current and the on resistance of the FET.
The sense voltage out of the SENSEFET has a different
relation to the drain current in these two conditions. The
difference in current limit levels for these two cases is called
DI, where:
DI + Vref RDSon


Similar Part No. - NIS5102QP1HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5102QP2HT1G ONSEMI-NIS5102QP2HT1G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - NIS5102QP1HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5101 ONSEMI-NIS5101 Datasheet
122Kb / 12P
   SMART HotPlug IC/Inrush Limiter/Circuit Breaker
November, 2006 ??Rev. 21
logo
Supertex, Inc
HV111 SUTEX-HV111 Datasheet
551Kb / 9P
   Inrush Limiter/Circuit Breaker/Hotswap Controller IC
logo
VPT, Inc.
DVCL28 VPT-DVCL28 Datasheet
446Kb / 9P
   HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com