Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8206NT4 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGB8206NT4
Description  Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGB8206NT4 Datasheet(HTML) 5 Page - ON Semiconductor

  NGB8206NT4 Datasheet HTML 1Page - ON Semiconductor NGB8206NT4 Datasheet HTML 2Page - ON Semiconductor NGB8206NT4 Datasheet HTML 3Page - ON Semiconductor NGB8206NT4 Datasheet HTML 4Page - ON Semiconductor NGB8206NT4 Datasheet HTML 5Page - ON Semiconductor NGB8206NT4 Datasheet HTML 6Page - ON Semiconductor NGB8206NT4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NGB8206N
http://onsemi.com
5
TYPICAL ELECTRICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
−50
75
100
25
0
125
−25
175
Mean + 4 s
Mean − 4 s
Mean
VGE, GATE TO EMITTER VOLTAGE (V)
1.50
0.25
0
2.50
0.75
1.25
2.00
100000
1000
100
10
0.1
6
4
0
8
10
12
Figure 7. Transfer Characteristics
Figure 8. Collector−to−Emitter Leakage
Current vs. Temperature
Figure 9. Gate Threshold Voltage vs.
Temperature
Figure 10. Capacitance vs.
Collector−to−Emitter Voltage
Figure 11. Resistive Switching Fall Time vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 12. Inductive Switching Fall Time vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
050
25
−25
125
175
TJ = 175°C
75
100
150
50
75
25
100
175
150
VCE = 175 V
1.5
3
3.5
2.5
4
2
0.5
20
10
40
0
30
0
VCE = 5 V
1.0
50
150
0.50
1.00
1.75
2.25
2
125
10000
1000
100
10
0.1
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
015
525
10
20
Crss
Ciss
Coss
1.0
6
4
0
8
10
12
TJ, JUNCTION TEMPERATURE (°C)
75
50
100
175
150
2
25
125
25
15
45
5
35
1
TJ = −40°C
TJ = 25°C
−50
VCE = −24 V
tfall
tdelay
VCC = 300 V
VGE = 5.0 V
RG = 1000 W
IC = 9.0 A
RL = 33 W
tfall
VCC = 300 V
VGE = 5.0 V
RG = 1000 W
IC = 9.0 A
L = 300 mH
tdelay
10000


Similar Part No. - NGB8206NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8206NT4G ONSEMI-NGB8206NT4G Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
NGB8206NT4G ONSEMI-NGB8206NT4G Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
More results

Similar Description - NGB8206NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NGB8206N ONSEMI-NGB8206N_11 Datasheet
130Kb / 8P
   Ignition IGBT 20 A, 350 V, N.Channel D2PAK
February, 2012 ??Rev. 9
logo
Littelfuse
LGB8206ATI LITTELFUSE-LGB8206ATI Datasheet
443Kb / 9P
   350 V, 20 A N-Channel Ignition IGBT
4/27/2020
logo
ON Semiconductor
NGD8205N ONSEMI-NGD8205N Datasheet
142Kb / 7P
   Ignition IGBT 20 Amp, 350 Volt, N?묬hannel DPAK
August, 2006 ??Rev. 7
NGP8203N ONSEMI-NGP8203N Datasheet
144Kb / 7P
   Ignition IGBT 20 A, 400 V, N?묬hannel TO??20
August, 2006 ??Rev. 1
NGB8202N ONSEMI-NGB8202N_11 Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8245N ONSEMI-NGB8245N Datasheet
122Kb / 7P
   Ignition IGBT 20 A, 450 V, N.Channel D2PAK
September, 2012 ??Rev. 2
NGB8207AN ONSEMI-NGB8207AN_11 Datasheet
125Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
NGB8207N ONSEMI-NGB8207N_11 Datasheet
132Kb / 7P
   Ignition IGBT 20 A, 365 V, N.Channel D2PAK
December, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com