Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP108 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BSP108
Description  N-channel enhancement mode vertical D-MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BSP108 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
April 1995
5
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP108
Fig.4 Tj =25 °C; typical values.
handbook, halfpage
10
0
2
ID
(mA)
RDSon (Ω)
468
103
102
10
MDA724
VGS =
10 V
5 V
4 V
6 V
Fig.5 Tj =25 °C; typical values at VDS =10V.
handbook, halfpage
0
1.2
0.8
0.4
0
210
46
8
MDA725
VGS (V)
ID
(A)
Fig.6 Tj =25 °C; typical values.
handbook, halfpage
010
1.2
0
0.4
0.8
2
ID
(A)
VDS (V)
468
MDA726
VGS = 10 V
6 V
5 V
4 V
3 V
Fig.7 Power derating curve.
handbook,
0
50
100
200
2
0
1.6
150
1.2
0.8
0.4
MBB693
Ptot
(W)
Tamb (°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn