Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISP626-1X Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part No. ISP626-1X
Description  LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISP626-1X Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ISP626-1X Datasheet HTML 1Page - ISOCOM COMPONENTS ISP626-1X Datasheet HTML 2Page - ISOCOM COMPONENTS ISP626-1X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92276m-AAS/A2
7/12/00
50
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
Ambient temperature T
A ( °C )
100
0
0.5
1.0
1.5
I
F = ±1mA
V
CE = 0.5V
Relative Current Transfer Ratio
vs. Ambient Temperature
-30
0
25
50
75
100
125
-30
0
25
50
75
100
125
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
0
0.5
1.0
1.5
Relative Current Transfer Ratio
vs. Ambient Temperature
-30
0
25
50
75
100
I
F = ± 0.5mA
V
CE = 1.5V
0
1.2
1.6
2.0
2.4
2.8
V
CE = 0.5V
T
A = 25°C
Relative Current Transfer Ratio
vs. Forward Current
Forward current I
F (±mA)
0.8
0.4
0.1
0.2
0.5
1.0
2
5
0
0.8
1.2
1.6
2.0
2.4
0.4
2.8
V
CE = 1.5V
T
A = 25°C
Relative Current Transfer Ratio
vs. Forward Current
Forward current I
F (±mA)
0.1
0.2
0.5
1.0
2
5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn