Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS214 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS214
Description  Small Outline Photo DMOS-FET Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS214 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS214 Datasheet HTML 1Page - ISOCOM COMPONENTS IS214 Datasheet HTML 2Page - ISOCOM COMPONENTS IS214 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Forward Voltage (V
F)
1.2
1.4
V
I
F = 10mA
Input
Reverse Current (I
R)
10
µA
V
R = 5V
On State Resistance ( Ron )
8
12
I
F =5mA, IL =100mA
Output
Off State Leakage Current ( I
Leak )
1
uA
V
L = Rating
Ouput Capacitance ( C
Out )
17
pF
V
L = 0, f = 1MHz
Input Control Current ( I
FON )
0.5
3.0
mA
Recovery LED Current ( I
FOFF )
0.35
0.5
mA
Recovery LED Voltage ( V
OFF )
0.5
V
Coupled
Turn On Time ( T
ON )
0.15
0.5
mS
I
F =5mA, IL =100mA
Turn Off Time ( T
OFF )
0.05
0.2
mS
I
F =5mA, IL =100mA
Input to Output Isolation ( V
ISO )
1500
V
See note 1
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
15/2/06
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
DC93059
1 LED Anode
2 LED Cathode
3 Drain MOSFET
4 Drain MOSFET


Similar Part No. - IS214

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS21/22TF128G ISSI-IS21/22TF128G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF16G ISSI-IS21/22TF16G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF32G ISSI-IS21/22TF32G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
IS21/22TF64G ISSI-IS21/22TF64G Datasheet
834Kb / 36P
   16GB/32GB/64GB/128GB eMMC With eMMC 5.1 Interface & TLC NAND
Rev. A 04/26/2022
logo
ISOCOM COMPONENTS
IS210 ISOCOM-IS210 Datasheet
463Kb / 3P
   Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
More results

Similar Description - IS214

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS211 ISOCOM-IS211 Datasheet
463Kb / 3P
   Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
IS215 ISOCOM-IS215 Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay with high load current capabilities
IS210 ISOCOM-IS210 Datasheet
463Kb / 3P
   Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities
IS216 ISOCOM-IS216 Datasheet
454Kb / 3P
   Small Outline Photo DMOS-FET Relay with high load current capabilities ( 1.7A )
logo
LETEX TECHNOLOGY CORP.
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
   Photo DMOS-FET Relay
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
   Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
   Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
   Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
   Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
   Photo DMOS-FET Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com