Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H11G1X Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part No. H11G1X
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISOCOM [ISOCOM COMPONENTS]
Homepage  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

H11G1X Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  H11G1X Datasheet HTML 1Page - ISOCOM COMPONENTS H11G1X Datasheet HTML 2Page - ISOCOM COMPONENTS H11G1X Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7/12/00
DB92008m-AAS/a1
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 2 available lead forms : -
- STD
- G form
DESCRIPTION
The H11G_ series are optically coupled isolators
consisting of an infrared light emitting diode and
a high voltage NPN silicon photo darlington
which has an integral base-emitter resistor to
optimise switching speed and elevated
temperature characteristics in a standard 6pin
dual in line plastic package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High Current Transfer Ratio ( 1000% min)
l
High BV
CEO (H11G1 - 100V min.)
l
Low collector dark current :-
100nA max. at 80V V
CE
l
Low input current 1mA I
F
APPLICATIONS
l
Modems
l
Copiers, facsimiles
l
Numerical control machines
l
Signal transmission between systems of
different potentials and impedances
H11G1X, H11G2X, H11G3X
H11G1, H11G2, H11G3
HIGH VOLTAGE DARLINGTON
OUTPUT OPTICALLY COUPLED
ISOLATOR
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Peak Forward Current
3A
(1
µs pulse, 300pps)
Reverse Voltage
3V
Power Dissipation
100mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
H11G3, H11G2, H11G1
55, 80, 100V
Collector-base Voltage BV
CBO
H11G3, H11G2, H11G1
55, 80, 100V
Emitter-baseVoltage BV
ECO
6V
Power Dissipation
200mW
POWER DISSIPATION
Total Power Dissipation
260mW
0.26
0.5
Dimensions in
mm
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
7.62
6.62
0.5
1
3
4
6
2
5
OPTION G
7.62
SURFACE MOUNT
OPTION SM
10.16
0.26
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn